Part Number Hot Search : 
MC33348 SML4737 4BC20 74AC163 B12V114B R10100 C1050 AVR32AP
Product Description
Full Text Search
 

To Download SFT5333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary solid state devices, inc. SFT5333 features: data sheet #: tr0002c maximum ratings symbol units value v ebo 6 volts emitter-base voltag e v cbo 100 volts collector-base voltag e i c 2 collector current collector-emitter voltag e v ceo 70 amps volts o c w mw/ o c o c/w ? radiation tolerant ? fast switching, 150ns max t(on) ? high frequency, ft 85mhz min. ? bvceo 70volts min. ? low saturation voltage. ? 200 o c operating, gold eutectic die attach. ? designed for complementary use with sft4300. to-5 2 amp 100 volts high speed pnp transistor operating and storage temperature t j, t stg -65 to +200 6.6 66 thermal resistance, junction to case r q q jc 15.2 total device dissipation @ t c =100 o c derate above 100 o c p d i b 1 base current amps electrical characteristics symbol units min max volts 70 - bv ceo collector-emitter breakdown voltage (i c = 30 ma dc ) volts 100 - collector-base breakdown voltage (i c = 200 m a dc ) volts 6 - bv ebo emitter-base breakdown voltage (i e = 200 m a dc ) m m a m m a - 1 75 i cbo collector cutoff current (v cb =90v dc, t c =25 o c) (v cb =90v dc, t c =100 o c) m m a - 5 i ceo collector cutoff current (v ce = 40 v dc ) bv cbo designer's data sheet 14005 stage road * santa fe springs, ca 90670 phone: (562) 404-4474 * fax: (562) 404-1773 note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release.
solid state devices, inc. SFT5333 preliminary 14005 stage road * santa fe springs, ca 90670 phone: (562) 404-4474 * fax: (562) 404-1773 min max electrical characteristics symbol units m m a emitter cutoff current (v eb = 6v dc ) - i ebo 1 250 dc current gain * (i c = 1.0 a dc , v ce = 5 v dc ) (i c = 2.0 a dc , v ce = 5 v dc ) 40 40 0.45 1.0 collector-emitter saturation voltage * (i c = 1.0 a dc , i b =100 ma dc ) (i c = 2.0a dc , i b = 200 ma dc ) v ce (sat) volts h fe base-emitter voltage * (i c = 2.0 a dc , v ce = 4 v dc ) - 1.5 volts v be (on) current gain bandwidth product (i c =1.0 a dc , v ce =10 v dc, f =10mhz) 85 - mhz ft 75 pf output capacitance (v cb = 30v dc , i e = 0a dc, f =1.0mhz) - c ob 300 pf input capacitance (v be = 6v dc , i c = 0a dc, f =1.0mhz) - c ib ( v cc =20v dc , i c =1.0a dc , v eb(off ) =3.7v dc , i b1 =i b2 =100ma dc , r l =20 ohms) turn off time * pulse test: pulse width = 300 m m s, duty cycle = 2% t (on) 150 ns t (off) 450 ns turn on time pin 2: base pin 1: emitter - - - - case outline: to-5 pin 3: collector


▲Up To Search▲   

 
Price & Availability of SFT5333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X